PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 |
anyCAP?/a> 100 mA Low Dropout Linear Regulator anyCAP⑩ 100 mA Low Dropout Linear Regulator anyCAP 100 mA Low Dropout Linear Regulator anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器
|
AD[Analog Devices] Analog Devices, Inc.
|
NCV2951ACDR2G |
100 mA, Low Power Low Dropout Voltage Regulator
|
ON Semiconductor
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LP2951ACDG LP2951CN3.0 LP2951ACN3.3 LP2951CN3.3 LP |
100 mA, Low Power Low Dropout Voltage Regulator 100 mA, Low Power Low Dropout Voltage Regulator
|
ON Semiconductor
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
LP295006 MSP430X21X1 NCV2574 NCV2951 LP2950ACZ-3.0 |
100 mA, Low Power Low Dropout Voltage Regulator MIXED SIGNAL MICROCONTROLLER 0.5 A, Adjustable Output Voltage, Step?Down Switching Regulator
|
Unisonic Technologies TI ONSEMI[ON Semiconductor]
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|
SG2001-3.0 SG2001-3.0XN5_TR SG2001-3.3 SG2001-3.3X |
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
LP2950ACN-3.3 LP2950 LP2950AS LP2951ACS-3.3 LP2951 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA Low Dropout Voltage Regulators
|
SIPEX[Sipex Corporation] http://
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|